PART |
Description |
Maker |
MC74LCX244MELG |
Low−Voltage CMOS Octal Buffer With 5 V−Tolerant Inputs and Outputs (3−State, Non−Inverting) LVC/LCX/Z SERIES, DUAL 4-BIT DRIVER, TRUE OUTPUT, PDSO20
|
ON Semiconductor
|
UPD424402LB-70L UPD424402V-60 UPD424402V-60L UPD42 |
COMLINK SERIES 1:10 Clock Fanout Buffer with Output Enable ComLink Series 1:4 Clock Fanout Buffer ComLink Series 1:8 Clock Fanout Buffer ComLink Series High-drive Two-Channel LVDS Repeater/Mux x4 Static Column Mode DRAM x4静态列模式DRAM COMLINK™ SERIES 1:10 Clock Fanout Buffer with Output Enable ComLink™ Series 1:8 Clock Fanout Buffer
|
TE Connectivity, Ltd.
|
MC14028BDR2G |
BCD−To−Decimal Decoder Binary−To−Octal Decoder 4000/14000/40000 SERIES, DECIMAL DECODER/DRIVER, TRUE OUTPUT, PDSO16
|
ON Semiconductor
|
207234-1 |
M Series Connectors; UNASSM JS KIT,M SERIES ( AMP )
|
Tyco Electronics
|
MC74HC541ADTG MC74HC541ADTR2G MC74HC541ADWG MC74HC |
Octal 3−State Noninverting Buffer/Line Driver/Line Receiver High−Performance Silicon−Gate CMOS HC/UH SERIES, 8-BIT DRIVER, TRUE OUTPUT, PDSO20
|
ON Semiconductor
|
MC74HC174ADG |
Hex D Flip−Flop with Common Clock and Reset High−Performance Silicon−Gate CMOS HC/UH SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, TRUE OUTPUT, PDSO16
|
ON Semiconductor
|
MM74HCT04MTCX |
Hex Inverter; Package: TSSOP; No of Pins: 14; Container: Tape & Reel HCT SERIES, HEX 1-INPUT INVERT GATE, PDSO14
|
Fairchild Semiconductor, Corp.
|
74ABT126CSJX |
Quad Buffer with 3-STATE Outputs; Package: SOP; No of Pins: 14; Container: Tape & Reel ABT SERIES, QUAD 1-BIT DRIVER, TRUE OUTPUT, PDSO14
|
Fairchild Semiconductor, Corp.
|
DR331-6-333 DR331-6-224 |
DR331-6 Series Unshielded SMD Inductor; Surface Mount Design. Inductance 33µH. Rated Current 2.0 Amps. Operating Temp. -40°C to 85°C. Size: 12.95mm x 9.40mm x 11.43mm. 1 ELEMENT, 33 uH, GENERAL PURPOSE INDUCTOR, SMD DR331-6 Series Unshielded SMD Inductor; Surface Mount Design. Inductance 220µH. Rated Current 0.70 Amps. Operating Temp. -40°C to 85°C. Size: 12.95mm x 9.40mm x 11.43mm.
|
Datatronic Distribution, Inc DATATRONIC DISTRIBUTION INC
|
NVS0.3CH-M6 NVS0.3CJ-M6 NVS0.3EH-M6 NVS0.3EJ-M6 NV |
Solid-State Time-Delay Relay NV Series: 4 - 6W DC/DC Converters 9-36V, 18-36V, 36-72V & 16-75V Inputs 3.3V, 5.0V, 12V, 15V, ??.0V, ??2V, ??5V & ??4V Outputs NV Series: 4 - 6W DC/DC Converters 9-36V, 18-36V, 36-72V & 16-75V Inputs 3.3V, 5.0V, 12V, 15V, ??拷.0V, ??拷2V, ??拷5V & ??拷4V Outputs Medical Grade Power Supply; Series:MWA 100; Output Voltage:12V; Output Power Max:100W; Output Current:8.3A; No. of Outputs:1; Leaded Process Compatible:Yes RoHS Compliant: Yes NV系列 - 6W DC / DC转换9 - 36V的,18 - 36V的,36 - 72V NV Series: 4 - 6W DC/DC Converters 9-36V, 18-36V, 36-72V & 16-75V Inputs 3.3V, 5.0V, 12V, 15V, .0V, 2V, 5V & 4V Outputs NV系列 - 6W DC / DC转换9 - 36V的,18 - 36V的,36 - 72V 1-OUTPUT DC-DC REG PWR SUPPLY MODULE SURFACE MOUNT PACKAGE-14 2-OUTPUT DC-DC REG PWR SUPPLY MODULE SURFACE MOUNT PACKAGE-14 Medical Grade Power Supply; Series:MWA 100; Output Voltage:15V; Output Power Max:100W; Output Current:6.7A; No. of Outputs:1; Leaded Process Compatible:Yes RoHS Compliant: Yes INTEGRATED CKT STATIC SENS NV Series: 4 - 6W DC/DC Converters 9-36V, 18-36V, 36-72V & 16-75V Inputs 3.3V, 5.0V, 12V, 15V, .0V, 2V, 5V & 4V Outputs NV Series: 4 - 6W DC/DC Converters 9-36V, 18-36V, 36-72V & 16-75V Inputs 3.3V, 5.0V, 12V, 15V, ?.0V, ?2V, ?5V & ?4V Outputs NV Series: 4 - 6W DC/DC Converters 9-36V / 18-36V / 36-72V & 16-75V Inputs 3.3V / 5.0V / 12V / 15V / 5.0V / 12V / 15V & 24V Outputs NV Series: 4 - 6W DC/DC Converters 9-36V 18-36V 36-72V & 16-75V Inputs 3.3V 5.0V 12V 15V 5.0V 12V 15V & 24V Outputs NV Series: 4 - 6W DC/DC Converters 9-36V, 18-36V, 36-72V & 16-75V Inputs 3.3V, 5.0V, 12V, 15V, 5.0V, 12V, 15V & 24V Outputs NV Series: 4 - 6W DC/DC Converters 9-36V, 18-36V, 36-72V & 16-75V Inputs 3.3V, 5.0V, 12V, 15V, 【5.0V, 【12V, 【15V & 【24V Outputs NV Series: 4 - 6W DC/DC Converters 9-36V, 18-36V, 36-72V & 16-75V Inputs 3.3V, 5.0V, 12V, 15V, ±5.0V, ±12V, ±15V & ±24V Outputs
|
Power-One, Inc. POWER-ONE[Power-One]
|
EMRSL-5MH EMRSL-5MHTR |
E-Series Surface Mount Mixer 101500 MHz Low-Voltage, Single and Dual Supply, Quad SPST, Analog Switches; Temperature Range: -40°C to 85°C; Package: 16-TSSOP E系列表面贴装混合01500兆赫
|
Amphenol, Corp.
|
MC74LCX540DR2G MC74LCX540DWR2 |
Low-Voltage CMOS Octal Buffer Flow Through Pinout With 5 V−Tolerant Inputs and Outputs (3−State, Inverting) LVC/LCX/Z SERIES, 8-BIT DRIVER, INVERTED OUTPUT, PDSO20
|
ON Semiconductor
|
|